Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC244034 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce AC244034
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244034 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button AC244034 Datasheet HTML 18Page - Microchip Technology AC244034 Datasheet HTML 19Page - Microchip Technology AC244034 Datasheet HTML 20Page - Microchip Technology AC244034 Datasheet HTML 21Page - Microchip Technology AC244034 Datasheet HTML 22Page - Microchip Technology AC244034 Datasheet HTML 23Page - Microchip Technology AC244034 Datasheet HTML 24Page - Microchip Technology AC244034 Datasheet HTML 25Page - Microchip Technology AC244034 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Required Debug Headers
DS51292T-page 22
 2006-2012 Microchip Technology Inc.
AC162083
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
Test points are available on this header to check the following: Ground (TP1), VDD
(TP2), ICD Clock (TP3), ICD Data (TP4) and ICD MCLR/VPP (TP5).
Also see the AC162083 Insert (DS51693).
POTENTIAL ISSUES
HV device selected instead of F device
If you inadvertently select a shunt regulator (HV) device and attempt to use it in a target
board designed for a non-shunt regulator (F) device, the shunt may draw excessive
current due to the lack of current-limiting circuitry on the target board and damage the
device mounted on the header.
F device selected instead of HV device
If you inadvertently select a non-shunt regulator (F) device and attempt to use it in a
target board designed for a shunt regulator (HV) device, the device may draw exces-
sive current due to the higher voltage used on a target board designed for HV devices
and damage the device mounted on the header.
HV devices cannot be powered from debug tool
Do not select in MPLAB IDE to power the target (debug header) from the debug tool (if
it supports powering the target) when using shunt regulator (HV) devices since this will
also cause the shunt to draw excessive current.
Header
ICE/ICD Device
Board Assembly Number
AC162083
PIC16F616-ICD
02-01976
CAUTION
Incorrect rotary switch (Figure 9) settings may irreparably damage
the header. Ensure rotary switch settings are correct (Table 3) before
powering or connecting the header. Do not change the rotary switch
setting while the header is powered or connected to a debug tool. Do
not power shunt regulator (HV) devices from the debug tool.
TABLE 3:
ROTARY SWITCH SETTINGS
Switch Position
Device
Switch Position
Device
0
PIC12HV609
8
PIC12F609
1
PIC12HV615
9
PIC12F615
2
Reserved HV
A
PIC12F617
3
PIC16HV610
B
PIC16F610
4
PIC16HV616
C
PIC16F616
5
Reserved HV
D
Reserved F
6
Reserved HV
E
Reserved F
7
Reserved HV
F
Reserved F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78