| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7563PD Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7563PD Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 21 page ![]() TDA7563PD 6/21 Figure 5. Quiescent Current vs. Supply Voltage Figure 6. Output Power vs. Supply Voltage (4 Ω) Figure 7. Output Power vs. Supply Voltage (2 Ω) Figure 8. Distortion vs. Output Power (4 Ω, STD) Figure 9. Distortion vs. Output Power (4 Ω, HI-EFF) Figure 10. Distortion vs. Output Power (2 Ω, STD) 8 10 12141618 Vs (V) 70 90 110 130 150 170 190 210 230 250 Id (mA) Vin = 0 NO LOADS Vs (V) 8 9 10 11 12 13 14 15 16 17 18 5 10 15 20 25 30 35 40 45 50 55 60 65 70 Po (W) RL = 4 Ohm f = 1 KHz THD = 10 % Po-max THD = 1 % 8 9 10 11 12 13 14 15 16 Vs (V) 10 20 30 40 50 60 70 80 90 100 Po (W) RL = 2 Ohm f = 1 KHz THD = 10 % Po-max THD = 1 % 0.1 1 10 Po (W) 0.01 0.1 1 10 THD (%) f = 10 KHz STANDARD MODE Vs = 14.4 V RL = 4 Ohm f = 1 KHz 0.1 1 10 Po (W) 0.001 0.01 0.1 1 10 THD (%) f = 10 KHz HI-EFF MODE Vs = 14.4 V RL = 4 Ohm f = 1 KHz 0.1 1 10 Po (W) 0.01 0.1 1 10 THD (%) f = 10 KHz HI-EFF MODE Vs = 14.4 V RL = 2 Ohm f = 1 KHz |