| Moteur de recherche de fiches techniques de composants électroniques |
|
IB047SMPFSMPF4.0IN Fiches technique(PDF) 1 Page - Times Microwave Systems. |
|
|
|||||||||||||||||||||||||||||
IB047SMPFSMPF4.0IN Fiches technique(HTML) 1 Page - Times Microwave Systems. |
|
1 / 2 page ![]() THE REVISION STATUS OF ALL SHEETS OF THIS DRAWING IS THE SAME AS SHEET 1 Unless otherwise spec- ified, dimensions are in INCH. Tolerances are applicable when spec- ified. These drawings and specifications contain proprietary information which is the property of Times Microwave Systems. INSTABEND 047 CABLE ASSEMBLY Size A CAGE CODE 68999 Drawing No.: IE-00273-XX Scale: NA Rev. (A) Sheet: 1 of 2 Approvals Drawn Checked Approved SVP 05/14/22 TIMES MICROWAVE SYSTEMS www.timesmicrowave.com REV DESCRIPTION DATE BY A INITIAL RELEASE 05/14/22 SVP Dwg. Number Customer P/N Smart P/N Length(L) in ‘INCH’ IE-00273-01 IB047SMPFSMPF4.0IN 4 +0.16/-0 IE-00273-02 - IB047SMPFSMPF6.0IN 6 +0.24/-0 IE-00273-03 IB047SMPFSMPF8.0IN 8 +0.32/-0 IE-00273-04 IB047SMPFSMPF10.0IN 10 +0.40/-0 IE-00273-05 IB047SMPFSMPF12.0IN 12 +0.48/-0 1.0 Scope This drawing documents the construction and performance of INSTABEND 047 cable assemblies manufactured by Times Microwave systems. 2.0 Cable Information 2.1 Cable to be INSTABEND 047 2.2 Jacket color to be Blue 2.3 Jacket material to be FEP 2.4 Nominal cable impedance to be 50 ohms 2.5 Cable diameter to be 0.061inch [1.55mm] (Nominal). 3.0 Connector Information: 3.1 Forward Connector: Type SMP (F) Connector (47432) Connector Body – Stainless Steel, Gold Plated Center Contact – Beryllium Copper, Gold Plated 3.2 After Connector: Type SMP (F) Connector (47432) Connector Body – Stainless Steel, Gold Plated Center Contact – Beryllium Copper, Gold Plated |
Numéro de pièce similaire - IB047SMPFSMPF4.0IN |
|
Description similaire - IB047SMPFSMPF4.0IN |