Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC244045 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce AC244045
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244045 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button AC244045 Datasheet HTML 6Page - Microchip Technology AC244045 Datasheet HTML 7Page - Microchip Technology AC244045 Datasheet HTML 8Page - Microchip Technology AC244045 Datasheet HTML 9Page - Microchip Technology AC244045 Datasheet HTML 10Page - Microchip Technology AC244045 Datasheet HTML 11Page - Microchip Technology AC244045 Datasheet HTML 12Page - Microchip Technology AC244045 Datasheet HTML 13Page - Microchip Technology AC244045 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Required Debug Headers
DS51292T-page 10
 2006-2012 Microchip Technology Inc.
AC162052, AC162055, AC162056, AC162057
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
For these headers, device peripherals need to be selected by setting jumper J1 to the
appropriate position. For AC162052 and AC162057, this will have the effect of
selecting the device.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162052
PIC16F676-ICD
02-01686
AC162055
PIC16F684-ICD
AC162056
PIC16F688-ICD
AC162057
PIC16F636-ICD
Header
Jumper J1
Function
Device Selected
AC162052
2-3
A/D Disabled
PIC16F630
1-2
A/D Enabled
PIC16F676
AC162055
Don’t care
N/A
PIC16F684
AC162056
Don’t care
N/A
PIC16F688
AC162057
2-3
PORTC, Comparator 2 Disabled
PIC12F635
1-2
PORTC, Comparator 2 Enabled
PIC16F636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78