Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

433MHZ Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 433MHZ
Description  Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

433MHZ Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
uint8_t buflen = sizeof(buf);
if (driver.recv(buf, &buflen)) // Non-blocking
{
int i;
// Message with a good checksum received, dump it.
Serial.print("Message: ");
Serial.println((char*)buf);
}
}
How the receiver sketch works
Similarly to the previous sketch, you start by including the necessary libraries:
#include <RH_ASK.h>
#include <SPI.h>
You create a RH_ASK object called driver:
RH_ASK driver;
In the setup(), we initialize the RH_ASK object.
void setup(){
Serial.begin(9600); // Debugging only
if (!driver.init())
Serial.println("init failed");
}
In the loop()
, we need to set a buffer that matches the size of the message we’ll
receive. “Hello World!” has 12 characters. You should adjust the buffer size accordingly
to the message you’ll receive (spaces and punctuation also count).
uint8_t buf[12];
uint8_t buflen = sizeof(buf);
Then, we check if we received a valid message. If we receive a valid message, we print
it in the serial monitor.
if (driver.recv(buf, &buflen)) {
int i;
// Message with a good checksum received, dump it.
Serial.print("Message: ");
Serial.println((char*)buf);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15