| Moteur de recherche de fiches techniques de composants électroniques |
|
PTH65201 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PTH65201 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Model Number V1 Io Min Io Max V2 Io Min Io Max V3 Io Min Io Max PTH05130 5VDC 1000mA 13.00A - - - - - - PTH12055 12VDC 1000mA 5.50A - - - - - - PTH15045 15VDC 400mA 4.50A - - - - - - PTH24027 24VDC 400mA 2.70A - - - - - - PTH65201 +5VDC 500mA 6.00A +12VDC 300mA 3.60A - - - PTH65301 +5VDC 500mA 6.00A +12VDC 300mA 2.50A +12VDC 100mA 0.50A Ø4.00*4 CN1 N L LED + - 127.00 115.57 FAN CN2 + - Mechanical Specifications: Open Frame Construction: Weight: 0.641 lb / 0.290 kg. Input Pin Assignmnets: CN1-1 Line CN1-2 Neutral Output Pin Assignmnets: Single "-6" Pin Single Option Multi CN2-1 V1 V1 V2 CN2-2 V1 V1 V1 CN2-3 V1 V1 V1 CN2-4 V1 RTN RTN CN2-5 RTN RTN RTN CN2-6 RTN RTN V3 or NC CN2-7 RTN - - CN2-8 RTN - - Mating Connectors: CN1 (AC Input) Mating Connector: Molex 09-52-4034 (5239 series) Single Outputs: CN2 (DC Output) Mating Connector: Molex 09-52-4064 or equivalent Single Outputs ("-6" Option): CN2 (DC Output) Mating Connector: 09-52-4104 or equivalent Multiple Outputs: CN2 (DC Output) Mating Connector: 09-52-4104 or equivalent FAN: Molex 22-23-2021 (6373 series) LED: Molex 22-23-2021 (6373 series) Output Table: PTH65 Series PowDec Technologies (USA) Inc. 7013 Realm Drive, Suite E San Jose, CA 95119 U.S.A. Tel: (408) 362-9388 E-mail: tedkang@powdec.com http://www.powdec.com PowDec Technologies (Taiwan) Inc. No. 9, Alley 9, Lane 392, Fu Teh 1st Road Hsi Chih, Taipei Hsien, Taiwan, 22150 Tel:(02)2694-2760 Fax:(02)2694-2753 E-mail:powdec@ms3.hinet.net http://www.powdec.com.tw Technologies, Inc. |