| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5600 Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS5600 Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 44 page ![]() ams Datasheet Page 29 [v1-06] 2018-Jun-20 Document Feedback AS5600 − Register Description For a fast step response and low noise after settling, the fast filter can be enabled. The fast filter works only if the input variation is greater than the fast filter threshold, otherwise the output response is determined only by the slow filter. The fast filter threshold is programmed with the FTH bits in the CONF Register. As shown in Figure 34, the step response stays within an error band after two full sampling periods to settle to the final value determined by the slow filter. Figure 33: Fast Filter Threshold FTH Fast Filter Threshold (LSB) Slow-to-fast filter Fast-to-slow filter 000 Slow filter only 001 6 1 010 7 1 011 9 1 100 18 2 101 21 2 110 24 2 111 10 4 |