Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SW2 Fiches technique(PDF) 10 Page - 4D Systems Pty Ltd

No de pièce SW2
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  4DSYSTEMS [4D Systems Pty Ltd]
Site Internet  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW2 Fiches technique(HTML) 10 Page - 4D Systems Pty Ltd

Back Button SW2 Datasheet HTML 6Page - 4D Systems Pty Ltd SW2 Datasheet HTML 7Page - 4D Systems Pty Ltd SW2 Datasheet HTML 8Page - 4D Systems Pty Ltd SW2 Datasheet HTML 9Page - 4D Systems Pty Ltd SW2 Datasheet HTML 10Page - 4D Systems Pty Ltd SW2 Datasheet HTML 11Page - 4D Systems Pty Ltd SW2 Datasheet HTML 12Page - 4D Systems Pty Ltd SW2 Datasheet HTML 13Page - 4D Systems Pty Ltd SW2 Datasheet HTML 14Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 10 of 20
www.4dsystems.com.au
9. 4D Systems - Workshop 4 IDE
Workshop 4 is a comprehensive software IDE that
provides
an
integrated
software
development
platform for all of the 4D family of processors and
modules. The IDE combines the Editor, Compiler,
Linker and Downloader to develop complete 4DGL
application code. All user application code is
developed within the Workshop 4 IDE.
The Workshop 4 IDE supports multiple development
environments for the user, to cater for different user
requirements and skill levels.
The Designer environment enables the user to
write 4DGL code in its natural form to program
the range of 4D Systems intelligent displays.
A visual programming experience, suitably called
ViSi, enables drag-and-drop type placement of
objects to assist with 4DGL code generation and
allows the user to visualise how the display will
look while being developed.
A Serial environment is also provided to
transform the display module into a slave serial
module, allowing the user to control the display
from any host microcontroller or device with a
serial port.
The Workshop 4 IDE is available from the 4D Systems
website. www.4dsystems.com.au
For comprehensive manuals on the Workshop 4 IDE
Software, the language, and its environments, refer to
the documentation from the 4D Systems website, on
the Workshop 4 product page.
9.1. Workshop4 - Designer
Choose the Designer environment to write 4DGL code
in its raw form.
The Designer environment provides the user with a
simple yet effective programming environment where
pure 4DGL code can be written, compiled and
downloaded to the range of 4D Systems intelligent
display modules.
Designer is a very powerful environment, for those use
to developing without any form of GUI aid, or for those
developing complex systems where no aid is required.
9.2. Workshop4 – ViSi
ViSi was designed to make the creation of graphical
displays a more visual experience.
ViSi is a great software tool that allows the user to see
the instant results of their desired graphical layout.
Additionally, there is a selection of inbuilt dials, gauges
and meters that can simply be placed onto the
simulated module display. From here each object can
have its properties edited, and at the click of a button
all relevant 4DGL code associated with that object is
produced in the user program. The user can then write
4DGL code around these objects to utilise them in the
way they choose.
9.3. Workshop4 – Serial
The Serial environment in the Workshop 4 IDE
provides the user the ability to transform a 4D Systems
Intelligent Display, into a slave serial graphics
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20