Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIP30 Fiches technique(PDF) 2 Page - Sensitron

No de pièce PIP30
Description  Transient Voltage Suppressor, Unidirectional
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSITRON [Sensitron]
Site Internet  http://www.sensitron.com
Logo SENSITRON - Sensitron

PIP30 Fiches technique(HTML) 2 Page - Sensitron

  PIP30 Datasheet HTML 1Page - Sensitron PIP30 Datasheet HTML 2Page - Sensitron PIP30 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court Deer Park, NY 11729 (631) 586 7600, FAX (631) 242 9798 •
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
PHP8.4 ~ PHP500 &
PIP8.4 ~ PIP500
TECHNICAL DATA
DATA SHEET 564, REV. A
Special Voltages available from the factory.
Note 1: A device is normally selected according to the reverse “Stand Off Voltage” (VWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
MECHANICAL CHARACTERISTICS
CASE: Molded case.
TERMINAL: Hot solder dipped
POLARITY: Bidirectional
WEIGHT: 50 grams (Appx.)
MOUNTING POSITION: Any
MILITARY APPLICATIONS
PHP series sub-assemblies are packaged in a hermetically sealed glass-to-metal package, available with design consistency to
MIL-PRF-19500/507
COMMERCIAL APPLICATIONS
PIP series sub-assemblies are packaged in a molded epoxy case
MECHANICAL DIMENSIONS: In Inches / mm



Html Pages

1 2 3