| Moteur de recherche de fiches techniques de composants électroniques |
|
24232103 Fiches technique(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
24232103 Fiches technique(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 50 page ![]() – 8 – REPLACEMENT OF THE CRT Service parts are provided for each R, G and B. The contents of the parts are as follows. RG B 50A50 23796001 23005397 23796003 50A60 23005114 23005115 ↑ 55A60 23005242 ↑↑ 61A60 23005249 ↑ 23796486 REPLACEMENT OF HIGH VOLTAGE CABLE ANODE LEAD RUBBER BOOT LEAD HOLDER Z450 TPA5007 Fig. a 1. When replacing Anode Lead or Anode Cap with new one, remove Lead Holder from old lead as shown in figure below, and put it on new lead. Do not throw away Lead Holder. NOTE : THE LEAD HOLDER IS ATTACHED TO TPA5007 (Z450), BUT IS NOT ATTACHED TO ANODE LEAD AND ANODE CAP. RUBBER BOOT IS ATTACHED TO ANODE LEAD AND ANODE CAP. 2. Detaching Lead Holder RUBBER BOOT OLD ANODE LEAD or ANODE CAP LOCK LEAD HOLDER Cut here rubber boot and lead together to detach Lead Holder. Fig. b HITACHI CRT |