Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC752GTM Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce 2SC752GTM
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC752GTM Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  2SC752GTM Datasheet HTML 1Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 2Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 3Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 4Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 5Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 6Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 7Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 8Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
– 5 –
CONVERGENCE ADJUSTMENTS
NOTE: Before attempting any convergence adjustments,
the receiver should be operated for at least fifteen
minutes.
s
CENTER CONVERGENCE ADJUSTMENT
1. Display built-in cross-dot pattern using the TEST SIG-
NAL SELECTION function.
2. Adjust the BRIGHTNESS and CONTRAST Controls
for well defined pattern.
3. Loosen the tightening ring and adjust two tabs of the
4-Pole Magnets to change the angle between them
(See figure 4.) and superimpose red and blue vertical
lines in the center area of the picture screen.
(See figure 3.)
4. Turn the both tabs at the same time keeping the con-
stant angle to superimpose red and blue horizontal
lines at the centre of the screen. (See figure 3.)
5. Adjust two tabs of 6-Pole Magnets to superimpose red/
blue line with green one. Adjusting the angle affects
the vertical lines and rotating both magnets affects the
horizontal lines.
6. Repeat adjustments 3, 4, 5 keeping in mind red, green
and blue movement, because 4-Pole Magnets and 6-
Pole magnets interact and make dot movement com-
plex.
7. After completing the “CENTER CONVERGENCE AD-
JUSTMENT” tighten the tightening ring to fix the mag-
nets.
Figure 3.
s
Xv COIL ADJUSTMENT
Adjust the Xv coil (on the deflection yoke) to correct
misconvergence at both sides on screen.
Use a hexagonal tip stick (plastic) to adjust the core of
coil.
BLU
BLU RED
RED
6-POLE MAGNETS
MOVEMENT
4-POLE MAGNETS
MOVEMENT
RED/BLUE
RED/BLUE GRN
GRN
Center Convergence by Convergence Magnets
R
B
B
R
B
R
R
B
Clockwise Adjustment Counterclockwise Adjustment
Xv Cross Pattern View
s
SCREEN-CORNER CONVERGENCE
When the misconvergence is still evident on corners even
though the above adjustment is done, use the ferrite sheet
(Part No. 23993622) to correct misconvergence.
1. Put ferrite sheets into the space under the yoke.
Decide such position that misconvergence becomes
minimum, watching picture screen. (See figure below.)
2. Remove cover paper of ferrite sheet to stick it in the
place on the tube. Put adhesive tapes on ferrite sheets
to fix.
Figure 4.
Ferrite
Sheets
Ferrite
Sheets
For correcting misconvergence
on the position A
A
4-POLE
MAGNETS
6-POLE
MAGNETS
PURITY
MAGNETS
PURITY/CONVERGENCE
MAGNETS
ADJUST THE ANGLE
(VERTICAL LINES)
FIXED
ROTATE TWO TABS
AT THE SAME TIME
(HORIZONTAL LINES)
ADJUSTMENT OF MAGNETS
Clockwise Adjustment
Counterclockwise Adjustment
XV Cross Pattern View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54