| Moteur de recherche de fiches techniques de composants électroniques |
|
23358564 Fiches technique(PDF) 12 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
23358564 Fiches technique(HTML) 12 Page - Toshiba Semiconductor |
|
12 / 44 page ![]() – 12 – ITEM ADJUSTMENT PROCEDURE E-W PARABOLA (DPC) (PARA) 1. Call up the adjustment mode display, then select the item PARA. 2. Press the TV/VIDEO button on Remote until the cross-hatch pattern appears on the screen. 3. Press the VOLUME s or t button to make vertical lines straight as shown below. HORIZONTAL POSITION (HPOS) VERTICAL POSITION (VPOS) 1. Call up the adjustment mode display, then select the item HPOS or VPOS. 2. Press the TV/VIDEO button on Remote until the white cross-bar or black cross-bar pattern appears on the screen. 3. Adjust the HORIZONTAL and VERTICAL position alternately by pressing the VOLUME s or t but- ton for proper picture position. 4. Check the picture with off-air signal. HEIGHT (HIT) 1. Call up the adjustment mode display, then select the item HIT. 2. Press the VOLUME s or t button to get the picture so the top of raster begins to lack. 3. Press the VOLUME s button to advance the data by 9 steps. Note : Check the vertical picture position is correct. WHITE BALANCE (RCUT) (GCUT) (BCUT) (GDRV) (BDRV) 1. Adjust the CONTRAST control to the center, and BRIGHTNESS control to the maximum. 2. Call up the adjustment mode display, and press the TV/VIDEO button on Remote until the white and black pattern appears on the screen. 3. Adjust the following items with the CHANNEL s/t and VOLUME s/t buttons. 4. Press the TV/VIDEO button on TV to display a single horizontal line on the screen. 5. Turn the SCREEN control (FBT) fully counterclockwise and gradually rotate clock- wise until the first horizontal line appears slightly on the screen. 6. Press the TV/VIDEO button to display the normal picture. 7. Adjust the remaining two “?CUT” items (CHANNEL s/t → TV/VIDEO → VOL- UME s/t in order) to obtain the slightly lighted horizontal line in the same levels of three (red, green, blue) colors. The line should be white if the adjustments are proper. Bright area Adjust "GDRV" or "BDRV" to be white. Dark area Fine adjust "RCUT", "GCUT" or "BCUT" to be black. RCUT Data : 40H GCUT Data : 40H BCUT Item : Item : Item : Item : Item : Data : 40H GDRV Data : 40H BDRV Data : 40H |