| Moteur de recherche de fiches techniques de composants électroniques |
|
24232103 Fiches technique(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
24232103 Fiches technique(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 35 page ![]() - 8 - ELECTRICAL ADJUSTMENTS Vertical retrace line 1. Enter the service mode, then select any register item. 2. Press the TV/VIDEO button on the Remote until the black cross-bar pattern ap- pears on the screen. 3. Adjust the FOCUS control (on T461) for well defined scanning lines on the picture screen. FOCUS VR ADJ SUB-BRIGHTNESS (BRTC) 1. Constrict the picture height until the verti- cal retrace line appears adjusting the item HIT (HEIGHT). 2. Adjust the CONTRAST control to the mini- mum. 3. Call up the adjustment mode display, then select the item BRTC. 4. Press the VOLUME or button so the belt of vertical retrace line just disappear. 5. Adjust the CONTRAST control for the de- sired contrast. 6. Perform the HEIGHT adjustment. ITEM ADJUSTMENT PROCEDURE WIDTH (WID) 1. Call up the adjustment mode display, then select the item WID. 2. Press the VOLUME or button to get the picture so the left and right edges of raster begins to lack. 3. Press the VOLUME or button to advance the data by 7 steps. Note : Check the horizontal picture position is correct. |