Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDS3985M18R Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LDS3985M18R
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M18R Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LDS3985M18R Datasheet HTML 5Page - STMicroelectronics LDS3985M18R Datasheet HTML 6Page - STMicroelectronics LDS3985M18R Datasheet HTML 7Page - STMicroelectronics LDS3985M18R Datasheet HTML 8Page - STMicroelectronics LDS3985M18R Datasheet HTML 9Page - STMicroelectronics LDS3985M18R Datasheet HTML 10Page - STMicroelectronics LDS3985M18R Datasheet HTML 11Page - STMicroelectronics LDS3985M18R Datasheet HTML 12Page - STMicroelectronics LDS3985M18R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LDS3985 SERIES
9/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
31.5
39.4
A1
0
0.05
0.0
2.0
A2
0.65
0.75
25.6
29.5
A3
0.20
7.9
b
0.33
0.43
13.0
16.9
D
2.90
3.00
3.10
114.2
118.1
122.0
D2
1.92
2.12
75.6
83.5
E
2.90
3.00
3.10
114.2
118.1
122.0
E2
1.11
1.31
43.7
51.6
e0.95
37.4
L
0.20
0.45
7.9
17.7
L1
0.24
9.4
L2
0.13
5.1
K
0.20
7.9
DFN6 (3x3) MECHANICAL DATA
7387339A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13