| Moteur de recherche de fiches techniques de composants électroniques |
|
A121-001-R Fiches technique(PDF) 7 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A121-001-R Fiches technique(HTML) 7 Page - Acconeer AB |
|
7 / 24 page ![]() A121 Pulsed Coherent Radar (PCR) Preliminary Datasheet v0.3 Page 7 of 24 2022-09-22 © 2022 Copyright by Acconeer 3 Pin Configuration and Functions The below figure shows the A121 pin configuration, top view: 1 2 3 4 5 6 7 8 9 10 A CTRL B GPIO3 C VRX VTX GND D VRX VTX Supply E I/O F GPIO1 ENABLE CLK G H GPIO2 XOUT J RESET_N SPI_SS VDIG XIN K SPI_CLK SPI_MISO GPIO4 SPI_MOSI INTERRUPT VIO Figure 3.1. Pin configuration of the A121 sensor, top view. Table 3.1 shows A121 pin functions. Pin Pin name Pin type Description Comment A3-A8, B2, B9, C1, C10, D2, D9, E1, E2, E9, E10, F2, F9, G1, G10, H2, H9, J3, J5, J6, J8, K4, K7 GND Ground Must be connected to solid ground plane A2, B1 Reserved Not connected or ground. Ground recommended for optimized ground plane. A9 CTRL I/O For future use. Connect to ground B10 GPIO3 I/O For future use. Connect to ground C2, D1 VRX Supply voltage Supply voltage, RF part |