Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS556X Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS556X
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS556X Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS556X Datasheet HTML 2Page - Cirrus Logic CS556X Datasheet HTML 3Page - Cirrus Logic CS556X Datasheet HTML 4Page - Cirrus Logic CS556X Datasheet HTML 5Page - Cirrus Logic CS556X Datasheet HTML 6Page - Cirrus Logic CS556X Datasheet HTML 7Page - Cirrus Logic CS556X Datasheet HTML 8Page - Cirrus Logic CS556X Datasheet HTML 9Page - Cirrus Logic CS556X Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
AN314REV1
AN314
Figure 7. 8-input, Single-ended, Multiple Input Range, Multiplexed System
The circuit shown in Figure 7 is similar to the differential circuit except there is no need to convert the single-ended
input signal to differential. As mentioned previously, there will be a loss of approximately 6 dB in noise performance
using the single-ended input device, since the full-scale input is half that of the differential device. As illustrated, not
every input may need a buffer and if the source impedance is very low, better performance may be obtained without
a buffer. In order to maintain DC accuracy, the series resistance in the unbuffered inputs needs to be kept very low.
The key in this configuration is to keep the impedance between the ACOM pin of the ADC and the source signal as
low as possible. Any current flowing in this return path will result in errors since there is no common-mode rejection
with a single-ended device.



Html Pages

1 2 3 4 5 6 7 8 9 10