| Moteur de recherche de fiches techniques de composants électroniques |
|
APR348 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
APR348 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 9 page ![]() APR348 Document number: DS42016 Rev. 5 - 2 2 of 9 www.diodes.com March 2021 © Diodes Incorporated APR348 Typical Applications Circuit VOUT VCC GND Rx VDD DRISR VDET APR348 Q1 Q2 R1 C1 C2 VOUT VCC GND Rx VDD DRISR VDET APR348 Q1 R1 C1 Q2 C2 High-Side Application Low-Side Application Pin Descriptions Pin Number Pin Name Function 1 VCC Internal Linear Regulator Input 2 GND Ground, also used as FET source sense reference for VDET 3 Rx External fixed resistor for Accurate Turn-On Signal 4 VDD Linear Regulator Output. It provides bias voltage for the internal logic circuit and the MOSFET driver. Connect this pin to a capacitor. 5 DRISR Synchronous Rectification MOSFET Gate Drive 6 VDET Synchronous Rectification MOSFET Drain Voltage Sense Input Functional Block Diagram VCC VDET VDET Power Management VCC Power Management VDD VDET Sensing Control Core Rx SR Driver Power ON/OFF VREF/ IBIAS DRISR GND 6 3 2 5 4 1 |