Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PWD5F60TR Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 14Page - STMicroelectronics PWD5F60TR Datasheet HTML 15Page - STMicroelectronics PWD5F60TR Datasheet HTML 16Page - STMicroelectronics PWD5F60TR Datasheet HTML 17Page - STMicroelectronics PWD5F60TR Datasheet HTML 18Page - STMicroelectronics PWD5F60TR Datasheet HTML 19Page - STMicroelectronics PWD5F60TR Datasheet HTML 20Page - STMicroelectronics PWD5F60TR Datasheet HTML 21Page - STMicroelectronics PWD5F60TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Figure 20. VFQFPN 15 x 7 x 1 mm package dimensions – drawing bottom view
1
2
3
4
17
18
19
20
21
22
23
24
25
34
35
36
37
26
39
40
41
42
43
44
45
46
D1 2X
D2 2X
D3 2X
D4 2X
D7 2X
D8 2X
D6 2x
D5 2x
L 25x
D11
D9 6X
D10
12
13
14
16
15
5
6
7
8
9
10
11
27
28
29
30
31
32
33
38
PWD5F60
VFQFPN 15 x 7 x 1 mm package information
DS12543 - Rev 1
page 18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26