Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8805 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics PM8805 Datasheet HTML 43Page - STMicroelectronics PM8805 Datasheet HTML 44Page - STMicroelectronics PM8805 Datasheet HTML 45Page - STMicroelectronics PM8805 Datasheet HTML 46Page - STMicroelectronics PM8805 Datasheet HTML 47Page - STMicroelectronics PM8805 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
VFQFPN43 package mechanical data
PM8805
44/48
DS12813 Rev 2
Figure 14. VFQFPN43 8x8mm 43 lead 0.5mm pitch (8x8x1.0mm ) mechanical data
EP4
EP3
EP5
EP6
EP2
EP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48