| Moteur de recherche de fiches techniques de composants électroniques |
|
IPS2050H Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS2050H Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 32 page ![]() 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 9.1 Package mechanical data Figure 14. PowerSSO-24 package dimensions [mm] Table 13. PowerSSO-24 mechanical data Dim. [mm] Min. Nom. Max. A 2.15 - 2.47 A2 2.15 - 2.40 a1 0 - 0.075 b 0.33 - 0.51 c 0.23 - 0.32 D 10.10 - 10.50 E 7.4 - 7.6 e - 0.8 - e3 - 8.8 - IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32 Package information DS13779 - Rev 3 page 18/32 |