| Moteur de recherche de fiches techniques de composants électroniques |
|
HVLED007TR Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED007TR Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 33 page ![]() Application information HVLED007 26/33 DS12866 Rev 1 Figure 12. Functional schematic of the soft restart function 4.12 Suggested step-by-step design procedure of a Hi-PF QR flyback converter based on the HVLED0007 The proposed design procedure can be outlined in fourteen steps, starting from the design specification detailed in Table 9 and with reference to the typical application schematic shown in Figure 13. Q CT BM UVLO S Q R RUN STOP RUN STOP Table 9. Basic electrical specification and key parameters of a Hi-PF QR flyback Parameter Symbol Line voltage range Vin_min - Vin_max Line frequency range fL_min - fL_max Regulated output voltage Vout Output overvoltage level Vout_OVP Output current range Iout_min - Iout_max Maximum Vout ripple @ 2 fL_min ΔVout_pk-pk Expected efficiency at full load (estimated value) η Voltage drop on secondary rectifier (estimated value) VF Reflected voltage VR Minimum switching frequency fsw_min |