Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVLED007 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 22Page - STMicroelectronics HVLED007 Datasheet HTML 23Page - STMicroelectronics HVLED007 Datasheet HTML 24Page - STMicroelectronics HVLED007 Datasheet HTML 25Page - STMicroelectronics HVLED007 Datasheet HTML 26Page - STMicroelectronics HVLED007 Datasheet HTML 27Page - STMicroelectronics HVLED007 Datasheet HTML 28Page - STMicroelectronics HVLED007 Datasheet HTML 29Page - STMicroelectronics HVLED007 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Application information
HVLED007
26/33
DS12866 Rev 1
Figure 12. Functional schematic of the soft restart function
4.12
Suggested step-by-step design procedure of a Hi-PF QR
flyback converter based on the HVLED0007
The proposed design procedure can be outlined in fourteen steps, starting from the design
specification detailed in Table 9 and with reference to the typical application schematic
shown in Figure 13.
Q
CT
BM
UVLO
S
Q
R
RUN
STOP
RUN
STOP
Table 9. Basic electrical specification and key parameters of a Hi-PF QR flyback
Parameter
Symbol
Line voltage range
Vin_min - Vin_max
Line frequency range
fL_min - fL_max
Regulated output voltage
Vout
Output overvoltage level
Vout_OVP
Output current range
Iout_min - Iout_max
Maximum Vout ripple @ 2 fL_min
ΔVout_pk-pk
Expected efficiency at full load (estimated
value)
η
Voltage drop on secondary rectifier
(estimated value)
VF
Reflected voltage
VR
Minimum switching frequency
fsw_min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33