| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L63 Fiches technique(PDF) 80 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L63 Fiches technique(HTML) 80 Page - Cirrus Logic |
|
80 / 300 page ![]() 80 DS1085F3 CS47L35 4.4 DSP Firmware Control Figure 4-28. X-Data Memory Map Note that the full CS47L35 register space is shown here as 16-bit width. (SPI/I2C/SLIMbus register access uses 32-bit data width at 0x3000 and above.) However, the window base address fields (DSPn_EXT_[A/B/C/D]_PAGE) are referenced to 16-bit width, and 16-bit register mapping is shown. Hence, the device register map is shown here entirely as 16-bit width for ease of explanation. The control registers associated with the register map window functions are described in Table 4-24. 24-bits 16-bits DSP X-Memory Map X Data Memory 16-bits Internal DSP Control X Data Memory (shared DSP2/DSP3) 0x2000 Register Window A Register Window B Register Window C Register Window D 0x0000 0x3000 0x0000 0xC000 0xD000 0xE000 0xF000 0xF400 0xF800 0xFC00 0xFFFF Virtual DSP Ctrl Audio Hub Register Map Moveable Register Window A Moveable Register Window B Moveable Register Window C Moveable Register Window D Fixed codec Register Window Page A Base Address Page B Base Address Page C Base Address Page D Base Address |