| Moteur de recherche de fiches techniques de composants électroniques |
|
GSIB660 Fiches technique(PDF) 51 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
GSIB660 Fiches technique(HTML) 51 Page - Toshiba Semiconductor |
|
51 / 70 page ![]() Electric Parts List 7-17 RG07 2001-001100 R-CARBON(S);2.7OHM,5%,1/2W,AA,TP,2.4X6.4 AZ268037 1 RF19 2003-001023 R-METAL OXIDE(S);120ohm,5%,2W,AF,TP,3.9x AZ268038 1 RF20 2003-002214 R-METAL OXIDE(S);680ohm,5%,2W,AG,TP,3.9x AZ268039 1 RF21 2003-002214 R-METAL OXIDE(S);680ohm,5%,2W,AG,TP,3.9x AZ268039 1 RF22 2003-002214 R-METAL OXIDE(S);680ohm,5%,2W,AG,TP,3.9x AZ268039 1 RF23 2003-000746 R-METAL OXIDE(S);56OHM,5%,2W,AF,TP,4X12M AZ268040 1 RF24 2003-000746 R-METAL OXIDE(S);56OHM,5%,2W,AF,TP,4X12M AZ268040 1 RF25 2003-002009 R-METAL OXIDE(S);390ohm,5%,2W,AF,TP,3.9x AZ263023 1 RG02 2004-002022 R-METAL(S);51KOHM,1%,1/2W,AA,TP,2.4X6.4M AZ268041 1 RG04 2004-002022 R-METAL(S);51KOHM,1%,1/2W,AA,TP,2.4X6.4M AZ268041 1 RG05 2001-001163 R-CARBON(S);560OHM,5%,1/2W,AA,TP,2.4X6.4 AZ268043 1 RG08 2001-001163 R-CARBON(S);560OHM,5%,1/2W,AA,TP,2.4X6.4 AZ268043 1 L503 2901-000297 FILTER-EMI ON BOARD;-,3A,-,-,3.5X5,TP,- AZ362001 1 L504 2901-000297 FILTER-EMI ON BOARD;-,3A,-,-,3.5X5,TP,- AZ362001 1 LF04 2901-000297 FILTER-EMI ON BOARD;-,3A,-,-,3.5X5,TP,- AZ362001 1 LF05 2901-000297 FILTER-EMI ON BOARD;-,3A,-,-,3.5X5,TP,- AZ362001 1 R502 2001-001093 R-CARBON(S);2.2KOHM,5%,1/2W,AA,TP,2.4X6. AZ261922 1 R507 2001-001093 R-CARBON(S);2.2KOHM,5%,1/2W,AA,TP,2.4X6. AZ261922 1 R512 2001-001093 R-CARBON(S);2.2KOHM,5%,1/2W,AA,TP,2.4X6. AZ261922 1 R503 2001-000085 R-CARBON(S);100KOHM,5%,1/2W,AA,TP,2.4X6. AZ268030 1 R508 2001-000085 R-CARBON(S);100KOHM,5%,1/2W,AA,TP,2.4X6. AZ268030 1 R513 2001-000085 R-CARBON(S);100KOHM,5%,1/2W,AA,TP,2.4X6. AZ268030 1 R526 2004-000500 R-METAL;2.7KOHM,1%,1/8W,AA,TP,1.8X3.2M AZ268044 1 R527 2004-000433 R-METAL;1Kohm,1%,1/8W,AA,TP,1.8x3.2mm AZ268045 1 R518 2003-002171 R-METAL OXIDE(S);150ohm,5%,2W,AG,TP,3.9x AZ268013 1 R542 2001-000832 R-CARBON;510OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261511 1 R543 2001-000832 R-CARBON;510OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261511 1 R544 2001-000832 R-CARBON;510OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261511 1 R546 2001-000832 R-CARBON;510OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261511 1 L501 2701-000178 INDUCTOR-AXIAL;33uH,10%,3x7mm AZ363076 1 R521 2001-000660 R-CARBON;33KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261333 1 RG01 2004-001397 R-METAL(S);4.7Kohm,1%,1/2W,AA,TP,2.4x6.4 AZ264003 1 RG03 2004-001987 R-METAL;4.3Kohm,1%,1/2W,AA,TP,2.4x6.4m AZ268042 1 DZG501 0403-001328 DIODE-ZENER;MTZJ22A,20.15-21.20V,500mW,D AZ462039 1 L507 2701-000215 INDUCTOR-AXIAL;8.2UH,10%,2.5X3.4MM AZ363067 1 SG501 AA27-00084A COIL;S-23,-,-,-,-,-,-,S-23,5000Mohm AZ363068 1 SG502 AA27-00084A COIL;S-23,-,-,-,-,-,-,S-23,5000Mohm AZ363068 1 SG503 AA27-00084A COIL;S-23,-,-,-,-,-,-,S-23,5000Mohm AZ363068 1 SG504 AA27-00084A COIL;S-23,-,-,-,-,-,-,S-23,5000Mohm AZ363068 1 SG505 AA27-00084A COIL;S-23,-,-,-,-,-,-,S-23,5000Mohm AZ363068 1 KEZI 2008-001079 R-FUSIBLE;4.7OHM,5%,2W,AF,TP,3.9X10MM AZ268056 1 HA98-00054A ASSY SUB PART;KS3A,PCB,CRT,ALL,- AZ760157 1 0202-000008 SOLDER-WIRE;S63S-W3.0,S63S,D3,SN63/PB37 AZ760060 0.0064 0202-000187 SOLDER-WIRE FLUX;-,RS60S,D1.2,63SN/37PB AZ760061 0.00012 0204-000442 SOLVENT;1M-1000,C3H70H,96,- AZ760063 0.00092 0204-001024 FLUX;DF-98TVS,-,20%,- AZ760064 0.0007 QF04 HA96-50149A ASSY-H/S;-,AA62-30013A,2SC2344,- AZ760191 1 0502-000153 TR-POWER;2SC2344-D,NPN,1.2W,TO-220,-,60 AZ561018 1 SCR09 6003-000333 SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL) AZ760146 1 H/S09 AA62-30013A HEAT SINK-ES;-,A6063 EXTR,-,-,45(21) T02 AZ760192 1 QF05 HA96-50149B ASSY-H/S;-,TR,AA62-30013A,2SA1011,- AZ760193 1 QV10 0502-000131 TR-POWER;2SA1011-D,PNP,1.2W,TO-220,-,60 AZ561019 1 SCR10 6003-000333 SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL) AZ760146 1 H/S10 AA62-30013A HEAT SINK-ES;-,A6063 EXTR,-,-,45(21) T02 AZ760192 1 C510 2401-001525 C-AL;47uF,20%,250V,GP,BK,16x25mm,7. AZ166031 1 CF11 2401-000927 C-AL;22UF,20%,250V,GP,TP,13X20MM,5M AZ165008 1 JA501 3722-001503 JACK-PIN;1P,1PI,NI,RED,SCR-JACK AZ760194 1 CNF01 AA39-20033C LEAD CONNECTOR-ASSY;,3(2)P,67096-003,S,2 AZ760233 1 QG02 0502-000244 TR-POWER;KSA940,PNP,1.5W,TO-220,-,40-14 AZ561020 1 C513 2201-000723 C-CERAMIC,DISC;4.7nF,20%,3KV,Y5U,TP,16x5 AZ163033 1 ASSY-PCB A/V BOARD * AA95-01513A ASSY-PCB A/V BOARD;,29K8,KS3A,100HZ AZ760234 1 JH701 3722-000143 JACK-PHONE;1P(VER),3.4mm,AG,BLK,NO AZ664027 1 JA701 3722-001031 JACK-RCA;3P,3.6MM,#18,AU AZ664031 1 JS701 3722-001163 JACK-VHS;4P,12mm,AU,BLK,N AZ760235 1 CN704 AA39-00070A LEAD CONNECTOR-ASSY;,4P,YBNH250-04,35184 AZ664178 1 CN705 AA39-20009E LEAD CONNECTOR-ASSY;,1P,YFH800-01,600,16 AZ664179 1 CN701 AA39-20068G LEAD CONNECTOR-ASSY;,8P,YBNH025-08,67096 AZ664180 1 CN703 AA39-20069A LEAD CONNECTOR-ASSY;,5P,YBNH025-05,67096 AZ664055 1 CN702 AA39-20070J LEAD CONNECTOR-ASSY;,7P,YBNH250-07,67096 AZ760236 1 AA63-10002A BAND-TIE;-,NYLON66 V2,-,-,L100,NTR,-,- AZ760068 1 HA98-600011 ASSY-SUB,PART;CONTROL,S51A,WIDE AZ760145 1 LOC NO PARTS NO Description & Specification REPLACEMENT NO Q’ty REMARKS |