Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4761 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics STUSB4761 Datasheet HTML 18Page - STMicroelectronics STUSB4761 Datasheet HTML 19Page - STMicroelectronics STUSB4761 Datasheet HTML 20Page - STMicroelectronics STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
6.2
Operating conditions
Table 15. Operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.1 to 22
V
VCONN_VSYS
VCONN voltage
3.0 to 5.5
V
VCC1, VCC2
CC pins (1)
0 to 5.5
V
VVBUS_EN_SRC
VVSENSE_DISCH
VISENSE_DISCH
VOPTO_DRV
High voltage pins
0 to 22
V
VSDA, SCL
VTSENSE
VFAULT
VFB
Operating voltage on I/O pins
0 to 4.5
V
TA
Operating temperature
-40 to 105
°C
1. Transient voltage on CC1 and CC2 pins are allowed to go down to -0.3 during BMC communication from connected
devices. All voltages are referenced to GND.
STUSB4761
Operating conditions
DS13141 - Rev 3
page 19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29