Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB1702 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 27Page - STMicroelectronics STUSB1702 Datasheet HTML 28Page - STMicroelectronics STUSB1702 Datasheet HTML 29Page - STMicroelectronics STUSB1702 Datasheet HTML 30Page - STMicroelectronics STUSB1702 Datasheet HTML 31Page - STMicroelectronics STUSB1702 Datasheet HTML 32Page - STMicroelectronics STUSB1702 Datasheet HTML 33Page - STMicroelectronics STUSB1702 Datasheet HTML 34Page - STMicroelectronics STUSB1702 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Table 24. QFN24 EP 4x4 mm wetable flank mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.10
A2
0.00
0.02
0.05
A3
0.20
b
0.20
0.25
0.30
D
3.85
4.00
4.15
D2
2.40
2.50
2.60
E
3.85
4.00
4.15
E2
2.40
2.50
2.60
e
0.50
J
0.35
L
0.30
0.40
0.50
L1
0.20
L2
0.05
L3
0.10
Figure 10. QFN24 EP 4x4 mm wetable flank recommended footprint
STUSB1702
QFN24 EP 4x4 mm wetable flank package information
DS12664 - Rev 1
page 31/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38