Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W15NK90Z Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce W15NK90Z
Description  N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W15NK90Z Fiches technique(HTML) 6 Page - STMicroelectronics

  W15NK90Z Datasheet HTML 1Page - STMicroelectronics W15NK90Z Datasheet HTML 2Page - STMicroelectronics W15NK90Z Datasheet HTML 3Page - STMicroelectronics W15NK90Z Datasheet HTML 4Page - STMicroelectronics W15NK90Z Datasheet HTML 5Page - STMicroelectronics W15NK90Z Datasheet HTML 6Page - STMicroelectronics W15NK90Z Datasheet HTML 7Page - STMicroelectronics W15NK90Z Datasheet HTML 8Page - STMicroelectronics W15NK90Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STW15NK90Z
6/9
Maximum Avalanche Energy vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9