Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD425AC8 Fiches technique(PDF) 3 Page - Picker Components

No de pièce PCD425AC8
Description  Surface Mount Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICKER [Picker Components]
Site Internet  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD425AC8 Fiches technique(HTML) 3 Page - Picker Components

  PCD425AC8 Datasheet HTML 1Page - Picker Components PCD425AC8 Datasheet HTML 2Page - Picker Components PCD425AC8 Datasheet HTML 3Page - Picker Components PCD425AC8 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMS On-state Current vs.
Ambient Temperature
20
10
0
-30
30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
35
40
45
50
Ambient temperature,Ta C
o
20
10
0
-30
30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
35
40
45
50
Case temperature,Tc C
o
RMS On-state Current vs.
Case Temperature
40
80
120
160
200
240
0
1
2
3
4
5
6
7
8
9
10
Supply Voltage (Vrms)
Ta=25 C
o
Open Circuit Leak Current vs.
Supply Voltage
Surge Current vs. Time
0.01
0.1
1
10
100
150
200
250
300
350
400
450
500
550
600
Time (SEC)
CHARACTERISTIC CURVES
f=60hZ
Tj=25 C
o
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 3
PCD210-440
PCD210-440



Html Pages

1 2 3 4