| Moteur de recherche de fiches techniques de composants électroniques |
|
PCS05 Fiches technique(PDF) 2 Page - Picker Components |
|
|
|||||||||||||||||||||||||||||
PCS05 Fiches technique(HTML) 2 Page - Picker Components |
|
2 / 2 page ![]() PCS05 PCS05 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 PAGE 2 Dimensions in Inches (millimeters) (25.4) 1.00 Tolerances + .010 unless otherwise noted Notes: (43.1) 1.70 (5.1) .200 (17.8) .700 (27.9) 1.100 (7.0) .275 (7.6) .300 (1.0) .040 (2.5) .100 -4 +3 INPUT LOAD PRECAUTIONS 1. Soldering must be completed within 10 seconds at 260 degrees C or less or within 5 seconds at 350 degrees C. 2. The SSR case serves to dissipate heat. Install the relays so that they are adequately ventilated. If poor ventilation is unavoidable, reduce the load current. 3. The input circuitry does not incorporate a circuit protecting the SSR from a reversed polarity connection. Confirm that the polarity is correct when connecting the input. 1 2 |