Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCD203AC2 Fiches technique(PDF) 4 Page - Picker Components

No de pièce PCD203AC2
Description  Printed Circuit Board Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICKER [Picker Components]
Site Internet  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD203AC2 Fiches technique(HTML) 4 Page - Picker Components

  PCD203AC2 Datasheet HTML 1Page - Picker Components PCD203AC2 Datasheet HTML 2Page - Picker Components PCD203AC2 Datasheet HTML 3Page - Picker Components PCD203AC2 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-30
0
20
40
60
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Ambient Temperature Ta ( C)
Input Voltage vs.
Ambient Temperature
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
45
50
Input Voltage (VDC)
Input Current vs.
Input Voltage
80
o
CHARACTERISTIC CURVES
NOTES:
3 AMP Rating is UL recognized and certified for Canada at 50 degrees C.
This SSR will carry up to 5 Amps at 30 Degrees C non UL.
Zero Crossing switching and 4,000 volt isolation make this relay CE compliant
.355 Inch thickness allows high density spacing
PCD203AC2
PCD203AC2
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 4



Html Pages

1 2 3 4