Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 248 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 248 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 244Page - STMicroelectronics L9788 Datasheet HTML 245Page - STMicroelectronics L9788 Datasheet HTML 246Page - STMicroelectronics L9788 Datasheet HTML 247Page - STMicroelectronics L9788 Datasheet HTML 248Page - STMicroelectronics L9788 Datasheet HTML 249Page - STMicroelectronics L9788 Datasheet HTML 250Page - STMicroelectronics L9788 Datasheet HTML 251Page - STMicroelectronics L9788 Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 264 page
background image
Device behavior
L9788
248/264
DS12308 Rev 4
Figure 100. Main relay driver timeout
Figure 101. Power HOLD
According to reset matrix power down is also produced by Watchdog PWR_CNT counter
overflow during KEY_IN low. In these cases the power down sequence is actuated without
considering VDD5 undervoltage.
GADG1512161238PS
t
ON
SCENARIO 26 – Main Relay Driver Timeout
RSTN
VTRK
VDD5
VPRE
Power On Reset
V3V3A/D
VB_IN
MRD out
PHOLD
WAKE_UP_CAN_DET
WAKE_UP_EOT_DET
WK_IN_DET
MRD_EN_TIMEOUT (500ms typ)
OFF
OFF
GADG1512161244PS
KEY_IN_DET
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
PHOLD
MRD out
VB_IN
Power On Reset
VPRE
VDD5
VTRK
RSTN
t
Note*: Power On Reset is activated at the end of power down sequence
without waiting for VUV_VB_CP_OFF
Td_uv_rst
Vuv_vpre
Vuv_vdd5
Tuv_filter_vdd5
Tuv_filter_vpre
Vuv_vpre
Vuv_vdd5
Tuv_filter_vdd5
Tuv_filter_vpre
MSC_PHOLD_EN=0
or
PHOLD_TIMEOUT
V
UV_VB_CP_OFF
V
UV_VB_IN
SCENARIO 11 - POWER HOLD
not permanent battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More