Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 238 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 238 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics L9788 Datasheet HTML 236Page - STMicroelectronics L9788 Datasheet HTML 237Page - STMicroelectronics L9788 Datasheet HTML 238Page - STMicroelectronics L9788 Datasheet HTML 239Page - STMicroelectronics L9788 Datasheet HTML 240Page - STMicroelectronics L9788 Datasheet HTML 241Page - STMicroelectronics L9788 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 264 page
background image
Micro second channel (MSC) interface
L9788
238/264
DS12308 Rev 4
18.6.16
Upstream Bit Map Read16 (MEM_STBY_DATA)
FRAME[1:4]: BYTES READ FROM MEM+STBY
Table 108. MSC Interface Upstream Bit Map Read16
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
0
0
0
MEM_STBY_DATA(Byte0)(1)
FRAME2 0
0
1
0
MEM_STBY_DATA(Byte1)(1)
FRAME3 0
0
0
1
MEM_STBY_DATA(Byte2)(1)
FRAME4 0
0
1
1
MEM_STBY_DATA(Byte3)(1)
source
logic on VB_STBY (Wake Up Timer logic)(1)
access
read
1. Bit in satellite logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More