Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 220 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 220 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 216Page - STMicroelectronics L9788 Datasheet HTML 217Page - STMicroelectronics L9788 Datasheet HTML 218Page - STMicroelectronics L9788 Datasheet HTML 219Page - STMicroelectronics L9788 Datasheet HTML 220Page - STMicroelectronics L9788 Datasheet HTML 221Page - STMicroelectronics L9788 Datasheet HTML 222Page - STMicroelectronics L9788 Datasheet HTML 223Page - STMicroelectronics L9788 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 264 page
background image
Micro second channel (MSC) interface
L9788
220/264
DS12308 Rev 4
18.6.2
Upstream Bit Map Read2 (CONFIG-REG 5-8)
Table 94. MSC Interface Upstream Bit Map Read2
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME1 0
000
CONFIG-REG 5
FRAME2 0
010
CONFIG-REG 6
EOT_MODE(1)
FRAME3 0
001
CONFIG-REG 7
FRAME4 0
011
CONFIG-REG 8
source
FRAME[1][3][4] FRAME[2]D[0:5] FRAME[2]D[7]
logic on VB_IN (main logic)
FRAME[2]D[6]
logic on VB_STBY(Wake Up Timer logic)
access
read
1. Bit in satellite logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More