| Moteur de recherche de fiches techniques de composants électroniques |
|
L9788 Fiches technique(PDF) 215 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Fiches technique(HTML) 215 Page - STMicroelectronics |
|
215 / 264 page ![]() DS12308 Rev 4 215/264 L9788 Micro second channel (MSC) interface 263 18.5.21 Commands RD_COMMAND1.. RD_COMMAND16 These commands allow the reading of information that will be output on Upstream. Table 92. Commands Name ADDRESS DATA C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 RD_COMMAND1 1 0 1 0 1 0 1 0101 0 101 RD_COMMAND2 1 0 1 0 1 0 1 1010 1 010 RD_COMMAND3 0 1 0 1 0 1 0 0101 0 101 RD_COMMAND4 0 1 0 1 0 1 0 1010 1 010 RD_COMMAND5 1 0 1 0 1 0 1 1001 1 001 RD_COMMAND6 1 0 1 0 1 0 1 0110 0 110 RD_COMMAND7 0 1 0 1 0 1 0 1001 1 001 RD_COMMAND8 0 1 0 1 0 1 0 0110 0 110 RD_COMMAND9 1 0 1 0 1 0 1 1110 1 110 RD_COMMAND10 1 0 1 0 1 0 1 0001 0 001 RD_COMMAND11 0 1 0 1 0 1 0 1110 1 110 RD_COMMAND12 0 1 0 1 0 1 0 0001 0 001 RD_COMMAND13 1 0 1 0 1 0 1 0111 0 111 RD_COMMAND14 1 0 1 0 1 0 1 1000 1 000 RD_COMMAND15 0 1 0 1 0 1 0 0111 0 111 RD_COMMAND16 0 1 0 1 0 1 0 1000 1 000 |