| Moteur de recherche de fiches techniques de composants électroniques |
|
L9788 Fiches technique(PDF) 208 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Fiches technique(HTML) 208 Page - STMicroelectronics |
|
208 / 264 page ![]() Micro second channel (MSC) interface L9788 208/264 DS12308 Rev 4 18.5.16 CONFIG-REG 16 [7] O2H_PDRV_3 VDS comparator selection for ON diagnosis 0: PDRV3 takes VDS3 comparator and PDRV4 works as independent driver 1: PDRV3 takes VDS4 comparator and PDRV4 driver cannot be used [6] O2H_PDRV_1 VDS comparator selection for ON diagnosis 0: PDRV1 takes VDS1 comparator and PDRV2 works as independent driver 1: PDRV1 takes VDS2 comparator and PDRV2 driver cannot be used PRDx_BLK[1:0] Blanking time on VDS detection in ON state for Predriver 00: 6 µs 01: 12 µs (default) 10: 18 µs 11: 24 µs C 0 C 1 C 2 C 3 C 4 C 5 C 6 D0 D1 D2 D3 D4 D5 D6 D7 CONFIG- REG 16-0 0 0 1 0 0 1 1 0 1 PRD1_BLK[0:1] PRD2_BLK[0:1] PRD3_BLK[0:1] RW DEFAULT 101 0 1 0 CONFIG- REG 16-1 0 0 1 0 0 1 1 1 0 PRD4_BLK[0:1] PRD5_BLK[0:1] O2H_P DRV_1 O2H_P DRV_3 RW DEFAULT 101 0 0 0 RESET SOURCE D2:D7 v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset, after_run_reset, RSTN_IN ACTIVATION D2:D7 bits active as level CONTROL ACCESS D2:D7 not locked bits |