Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 173 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 173 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics L9788 Datasheet HTML 174Page - STMicroelectronics L9788 Datasheet HTML 175Page - STMicroelectronics L9788 Datasheet HTML 176Page - STMicroelectronics L9788 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 264 page
background image
DS12308 Rev 4
173/264
L9788
Built in self test
263
Figure 80. Analog bist implementation
The analog bist is applied to the following analog comparators:
V3V3A_OV, V3V3A_UV, V3V3D_OV, V3V3D_UV (internal supply monitors) VDD5_OV,
VDD5_UV (VDD5 monitors)
The bist is run on MSC command BIST_EN. The result is read and clear by MSC.
On driver section BIST is implemented for diagnostic of main outputs:
OVC, OPL, STG comparators (injectors)
STG comparator (igniter)
The bist is run on MSC command. The result is read and cleared by MSC.
GADG1212161540PS
Control
V+
VB
V3VA
V3V_PRE (VBG1)
Primary
Secondary
OV_FLT
UV_FLT
BIST_EN
BG_READY
VBG2
V3VD
+
-
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More