Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9788 Fiches technique(PDF) 134 Page - STMicroelectronics

No de pièce L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Fiches technique(HTML) 134 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics L9788 Datasheet HTML 132Page - STMicroelectronics L9788 Datasheet HTML 133Page - STMicroelectronics L9788 Datasheet HTML 134Page - STMicroelectronics L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 264 page
background image
Pre-drivers - IGNITER IGN[1:6]
L9788
134/264
DS12308 Rev 4
TFLT_SCB IGN
Short circuit to
VBAT switch-off
delay
-
5.9
-
7.2
µs
IGN1/2/3/4/5/6
Ith_OL_IGN
Open load current
threshold
-
0.18
-
1.22
mA
IGN1/2/3/4/5/6
Ith_OL_IGN_OL_RED
Open load current
threshold
OL_RED = 1
0.03
-
0.2
mA
IGN1/2/3/4/5/6
Table 56. Pre-driver - IGNITER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More