Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7708STR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TDA7708STR
Description  AM/FM/HD-RadioTM submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708STR Fiches technique(HTML) 4 Page - STMicroelectronics

  TDA7708STR Datasheet HTML 1Page - STMicroelectronics TDA7708STR Datasheet HTML 2Page - STMicroelectronics TDA7708STR Datasheet HTML 3Page - STMicroelectronics TDA7708STR Datasheet HTML 4Page - STMicroelectronics TDA7708STR Datasheet HTML 5Page - STMicroelectronics TDA7708STR Datasheet HTML 6Page - STMicroelectronics TDA7708STR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
VFQFPN-52 (8x8x1.0 mm) package information
Figure 2. VFQFPN-52 (8x8x1.0 mm) package outline
GAPG0104160722PS
7740640_D_90
Table 4. VFQFPN-52 (8x8x1.0 mm) package mechanical data
Ref.
Dimensions in mm
Min.
Typ.
Max.
A
0.8
0.9
1
TDA7708S
Package information
DB3138 - Rev 3
page 4/7



Html Pages

1 2 3 4 5 6 7