Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA75610SLV Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce TDA75610SLV
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610SLV Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button TDA75610SLV Datasheet HTML 34Page - STMicroelectronics TDA75610SLV Datasheet HTML 35Page - STMicroelectronics TDA75610SLV Datasheet HTML 36Page - STMicroelectronics TDA75610SLV Datasheet HTML 37Page - STMicroelectronics TDA75610SLV Datasheet HTML 38Page - STMicroelectronics TDA75610SLV Datasheet HTML 39Page - STMicroelectronics TDA75610SLV Datasheet HTML 40Page - STMicroelectronics TDA75610SLV Datasheet HTML 41Page - STMicroelectronics TDA75610SLV Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID025599 Rev 6
39/42
TDA75610SLV
Package information
41
Figure 44. Flexiwatt27 (SMD) mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42