Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA660TR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STA660TR
Description  DAB/DAB/DMB-A multi-standard digital radio decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA660TR Fiches technique(HTML) 5 Page - STMicroelectronics

  STA660TR Datasheet HTML 1Page - STMicroelectronics STA660TR Datasheet HTML 2Page - STMicroelectronics STA660TR Datasheet HTML 3Page - STMicroelectronics STA660TR Datasheet HTML 4Page - STMicroelectronics STA660TR Datasheet HTML 5Page - STMicroelectronics STA660TR Datasheet HTML 6Page - STMicroelectronics STA660TR Datasheet HTML 7Page - STMicroelectronics STA660TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 3. TFBGA289 (15x15x1.2 mm) mechanical data
Symbol
Dimensions (mm)
Min
Typ
Max
A
1.20
A1
0.21
A2
0.20
A4
0.62
b
0.35
0.40
0.48
D
14.85
15.00
15.15
D1
12.80
E
14.85
15.00
15.15
E1
12.80
e
0.80
Z
1.10
ddd
0.10
eee
0.15
fff
0.08
STA660
TFBGA289 (15x15x1.2 mm) package information
DB3863 - Rev 1
page 5/8



Html Pages

1 2 3 4 5 6 7 8