| Moteur de recherche de fiches techniques de composants électroniques |
|
STA660 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA660 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 8 page ![]() 3 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 3.1 TFBGA289 (15x15x1.2 mm) package information Figure 2. TFBGA289 (15x15x1.2 mm) package outline 8177030_C_(7 BOTTOM VIEW A1 CORNER INDEX AREA Ø b(289 BALLS) 1 A 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 B C D E F G H J K L M N P R T U E E1 e Z A B M C eee M fff C B A A A1 A4 A2 ddd C C SEATING PLANE GAPGPS03454 STA660 Package information DB3863 - Rev 1 page 4/8 |