Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9177A Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce L9177A
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177A Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button L9177A Datasheet HTML 32Page - STMicroelectronics L9177A Datasheet HTML 33Page - STMicroelectronics L9177A Datasheet HTML 34Page - STMicroelectronics L9177A Datasheet HTML 35Page - STMicroelectronics L9177A Datasheet HTML 36Page - STMicroelectronics L9177A Datasheet HTML 37Page - STMicroelectronics L9177A Datasheet HTML 38Page - STMicroelectronics L9177A Datasheet HTML 39Page - STMicroelectronics L9177A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Figure 29. VRS interface structure
GAPGPS00612
VRS voltage
Int_vrs
Auto adaptative
Hysteresis
Auto adaptative
Time filtering block
Out_vrs
3.6.2
Auto-adaptative hysteresis
Input signals difference is obtained through a full differential amplifier; its output, DV signal, is fed to peak
detection circuit and then to A/D converter implemented with 4 voltage comparator (5 levels Pvi).Output of A/D is
sent to Logic block (hysteresis selection Table 32) that implements correlation function between Peak voltage and
hysteresis value; hysteresis value is used by square filtering circuit which conditions DV signal.
Figure 30. Auto-adaptive hysteresis block diagram
GAPGPS00613
H
H
PVi
DV
VRS voltage
Hysteresis Squarer Circuit and
Temporal Filtering
Hysteresis
Value
Hysteresis
Selection
Table
Peak Detection
Circuit
AD converter
PV
+
–
Int_vrs
Figure 31. Hysteresis output voltage level
GAPGPS00614
H4
H3
H2
H1
H0
Hysteresis output
voltage (mV)
0
Quantized peak detector
output voltage (mV)
PV1
PV2
PV3
PV4
To the previous 5 levels PV = [0 PV1 PV2 PV3 PV4] correspond to a set of 5 thresholds:
•
H = [HO HIH2 H3 H4]
The advised values for the previous defined vectors are:
•
PV = [0 PV1 PV2 PV3 PV4] = [0, 900, 1560, 2230, 2900] mV
•
H = [H0 H1 H2 H3 H4] = [100, 200, 350, 650, 1000] mV
L9177A
VRS interface
DS12175 - Rev 5
page 36/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55