Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDA901 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce FDA901
Description  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button FDA901 Datasheet HTML 9Page - STMicroelectronics FDA901 Datasheet HTML 10Page - STMicroelectronics FDA901 Datasheet HTML 11Page - STMicroelectronics FDA901 Datasheet HTML 12Page - STMicroelectronics FDA901 Datasheet HTML 13Page - STMicroelectronics FDA901 Datasheet HTML 14Page - STMicroelectronics FDA901 Datasheet HTML 15Page - STMicroelectronics FDA901 Datasheet HTML 16Page - STMicroelectronics FDA901 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pins connection diagram (top view) ...................................................... 4
Figure 3.
LQFP64 (10x10x1.4 mm exp. pad up) package outline ....................................... 10
Figure 4.
Exposed-pad groove's shapes ........................................................ 12
Figure 5.
LQFP64 (10x10x1.4 mm exp. pad up) marking information..................................... 12
FDA901
List of figures
DB3856 - Rev 1
page 16/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17