| Moteur de recherche de fiches techniques de composants électroniques |
|
FDA803U Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA803U Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 76 page ![]() List of figures FDA803U 6/76 DS12497 Rev 2 List of figures Figure 1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 2. Pins connection diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 3. Application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Figure 4. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) . . . . . . 16 Figure 5. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 4 Ω, pink noise) . . . . . . . . . . . . . . 16 Figure 6. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . 16 Figure 7. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, pink noise) . . . . . . . . . . . . . . 16 Figure 8. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) . . . . . . 16 Figure 9. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, pink noise) . . . . . . . . . . . . . . 16 Figure 10. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz sine wave). . . . . . . . 17 Figure 11. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, pink noise) . . . . . . . . . . . . . . . 17 Figure 12. Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . . 17 Figure 13. Efficiency and power dissipation (Vs = 16 V, RL = 1 x 2 Ω, pink noise) . . . . . . . . . . . . . . . 17 Figure 14. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, f = 1 kHz sine wave). . . . . . . . 17 Figure 15. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 8 Ω, pink noise) . . . . . . . . . . . . . . . 17 Figure 16. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) . . . . . . . 18 Figure 17. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 4 Ω, pink noise) . . . . . . . . . . . . . . . 18 Figure 18. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) . . . . . . . 18 Figure 19. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 2 Ω, pink noise) . . . . . . . . . . . . . . . 18 Figure 20. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) . . . . . . . 18 Figure 21. Efficiency and power dissipation (Vs = 3.3 V, RL = 1 x 8 Ω, pink noise) . . . . . . . . . . . . . . . 18 Figure 22. Output power vs. supply voltage (RL = 4 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 23. Output power vs. supply voltage (RL = 2 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 24. Output power vs. supply voltage (RL = 8 Ω, sine wave) . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 25. THD vs. output power (VS = 14.4 V, RL = 4 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 26. THD vs. output power (VS = 14.4 V, RL = 2 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 27. THD vs. output power (VS = 14.4 V, RL = 8 Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 28. THD vs. frequency (VS = 14.4 V, RL = 4 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 29. THD vs. frequency (VS = 14.4 V, RL = 2 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 30. THD vs. frequency (VS = 14.4 V, RL = 8 Ω, PO = 1 W). . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 31. Frequency response (1 W, RL = 4 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 32. Frequency response (1 W, RL = 2 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 33. Frequency response (1 W, RL = 8 Ω, f = 1 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 34. PSRR vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 35. Quiescent current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 Figure 36. Dynamic range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 37. FFT - Output spectrum (-60 dBFS input signal) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 38. Finite state machine diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 39. Operation vs. battery charge. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 40. Analog-Mute diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Figure 41. Digital-Mute diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Figure 42. Mixed mute diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Figure 43. Analog-Mute vs. Mixed-Mute . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 44. HWMute pin schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 45. Response obtained with a limitation corresponding to 80% of the full-scale . . . . . . . . . . . 34 Figure 46. Load range detection configured properly setting IB5 d7-d6 . . . . . . . . . . . . . . . . . . . . . . . 36 Figure 47. DC diagnostic before turn on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37 Figure 48. Short to VCC at device turn on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 |