Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS613761 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 9Page - Texas Instruments TPS613761 Datasheet HTML 10Page - Texas Instruments TPS613761 Datasheet HTML 11Page - Texas Instruments TPS613761 Datasheet HTML 12Page - Texas Instruments TPS613761 Datasheet HTML 13Page - Texas Instruments TPS613761 Datasheet HTML 14Page - Texas Instruments TPS613761 Datasheet HTML 15Page - Texas Instruments TPS613761 Datasheet HTML 16Page - Texas Instruments TPS613761 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
With SOO mode, the TPS61376 keeps the output voltage equal to the setting voltage in PFM mode. In addition,
the output voltage ripple is much smaller at light load due to low peak current. Refer to Figure 8-2.
PWM
VOUT_REG
PFM
IL
toff
Figure 8-2. Auto PFM Mode Diagram
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27