| Moteur de recherche de fiches techniques de composants électroniques |
|
CSSH0201JTL250 Fiches technique(PDF) 2 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSSH0201JTL250 Fiches technique(HTML) 2 Page - Stackpole Electronics, Inc. |
|
2 / 13 page ![]() Rev Date: 7/29/2022 2 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Mechanical Specifications (0201 – 0805) 0.024 ± 0.006 0.012 ± 0.006 0.010 ± 0.004 0.006 ± 0.004 inches 0.60 ± 0.15 0.30 ± 0.15 0.25 ± 0.10 0.15 ± 0.10 mm 0.012 ± 0.004 inches 0.039 ± 0.006 0.022 ± 0.006 0.012 ± 0.004 0.30 ± 0.10 mm 1.00 ± 0.15 0.55 ± 0.15 0.30 ± 0.10 0.009 ± 0.004 inches 0.23 ± 0.10 mm 0.018 ± 0.008 inches 0.45 ± 0.20 mm 0.063 ± 0.010 0.031 ± 0.010 0.016 ± 0.010 0.014 ± 0.008 inches 1.60 ± 0.25 0.80 ± 0.25 0.40 ± 0.25 0.35 ± 0.20 mm 0.012 ± 0.008 inches 0.30 ± 0.20 mm 0.015 ± 0.010 inches 0.38 ± 0.25 mm 0.049 ± 0.010 0.079 ± 0.010 0.017 ± 0.006 0.015 ± 0.010 inches 1.25 ± 0.25 2.00 ± 0.25 0.42 ± 0.15 0.37 ± 0.25 mm 0.014 ± 0.010 inches 0.36 ± 0.25 mm 0.013 ± 0.010 inches 0.32 ± 0.25 mm 0.028 ± 0.008 inches 0.70 ± 0.20 mm 0.079 ± 0.010 0.049 ± 0.010 0.016 ± 0.010 0.024 ± 0.008 inches 2.00 ± 0.25 1.25 ± 0.25 0.40 ± 0.25 0.60 ± 0.20 mm 0.016 ± 0.008 inches 0.40 ± 0.20 mm 0.024 ± 0.008 0.030 ± 0.008 inches 0.60 ± 0.20 0.75 ± 0.20 mm 0.022 ± 0.008 inches 0.55 ± 0.20 mm 0.018 ± 0.008 inches 0.45 ± 0.20 mm 0.014 ± 0.008 inches 0.081 ± 0.010 0.051 ± 0.012 0.35 ± 0.20 0.016 ± 0.008 mm 2.05 ± 0.25 1.30 ± 0.30 0.018 ± 0.008 0.40 ± 0.20 inches 0.45 ± 0.20 mm 0.014 ± 0.008 inches 0.35 ± 0.20 mm 0.014 ± 0.008 inches 0.35 ± 0.20 mm 0.003 - 0.02 CSS0805 0.5 0.0015 0.0005 0.001 0.0015 0.002 0.0025 0.003 - 0.008 0.009 - 0.013 CSSH0805 1 CSS0603 0.33 0.002 0.0025, 0.003 0.004 - 0.02 0.002 CSS0508 0.001 0.0015 0.002 0.003 - 0.005 1 Unit CSS0201 0.2 0.01, 0.02 Type/Code Maximum Power Rating (W) Resistance Range (Ω) L W H 0.005 - 0.02 CSS0402 0.33 T2 Bottom 0.0025 Type Power Rating Resistance Range L W H T2 MA0805 1 W 0.5 mΩ 2.00±0.25 1.30±0.30 0.60±0.20 0.75±0.20 1mΩ 0.55±0.20 0.40±0.20 1.5mΩ 0.35±0.20 2mΩ 2.5~3 mΩ 4~8 mΩ 9~ 13 0.35±0.20 14~ 15 0.30±0.20 |