Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F39-TGR-CVL-B-10-R Fiches technique(PDF) 41 Page - Omron Electronics LLC

No de pièce F39-TGR-CVL-B-10-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Fiches technique(HTML) 41 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-10-R Datasheet HTML 37Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 38Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 39Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 40Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 41Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 42Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 43Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 44Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
23
SECTION 8
Outputs
8-1
Safety Outputs (OSSDs)
!WARNING This product is designed for use on a 24 VDC, negative ground (protective
earth) electrical system only. Never connect the MS4800 system to a positive
ground (protective earth) system. With a positive ground (protective earth)
wiring scheme, certain simultaneous shorts of both safety outputs may not be
detected and the guarded machine may not stop, resulting in severe operator
injury.
The MS4800 system receiver supplies two independent PNP type safety out-
puts to provide run/stop signals to the guarded machine. In the MACHINE
RUN state, the safety outputs are electrically conducting and source 625 mA
of current at 24 VDC. In the MACHINE STOP state, the outputs are not elec-
trically conducting.
8-2
Auxiliary Output
!WARNING Do not use the auxiliary output or external indicator output for safety applica-
tions. Human body may not be detected when MS4800 system fails, resulting
in serious injury.
This is not a safety output. The MS4800 system supplies one auxiliary output.
The configuration of this output is "PNP follow". So the signal on the auxiliary
output is similar to the status of the OSSD outputs. It will source up to 100 mA
at 24 VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98