Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F39-TGR-CVL-B-2-R Fiches technique(PDF) 51 Page - Omron Electronics LLC

No de pièce F39-TGR-CVL-B-2-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R Fiches technique(HTML) 51 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 48Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 49Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 50Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 51Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 52Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 53Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 54Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
33
General Mounting Considerations
Section 10-3
10-3-7 Requirements for Perimeter Guarding
In perimeter guarding applications the MS4800 system detection zone is
placed around the outside perimeter of a guarded machine. This placement
leaves space for personnel to stand between the detection zone and the haz-
ardous machine.
In this case, the guarded machine must only be restarted using a switch
located outside and with a full view of the area of hazardous motion. Opera-
tion of the MS4800 system In the Start/Restart Interlock operating mode is
suitable for perimeter guarding.
10-3-8 Marking Minimum Object Resolution
Serial number labels on the transmitter and receiver indicate possible mini-
mum object resolutions. During installation, use a permanent marker to
obscure the object resolution not set and add information about the effective
resolution. This will depend on whether no floating blanking or 1-beam floating
blanking is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98