Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH9013Y Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VNH9013Y
Description  Automotive integrated H-bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9013Y Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VNH9013Y Datasheet HTML 15Page - STMicroelectronics VNH9013Y Datasheet HTML 16Page - STMicroelectronics VNH9013Y Datasheet HTML 17Page - STMicroelectronics VNH9013Y Datasheet HTML 18Page - STMicroelectronics VNH9013Y Datasheet HTML 19Page - STMicroelectronics VNH9013Y Datasheet HTML 20Page - STMicroelectronics VNH9013Y Datasheet HTML 21Page - STMicroelectronics VNH9013Y Datasheet HTML 22Page - STMicroelectronics VNH9013Y Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID027860 Rev 6
21/23
VNH9013Y
Package information
22
4.3
PowerSSO-36 marking information
Figure 16. PowerSSO-36 marking information
Note:
Parts marked as "&" are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted prior to any decision to use these engineering samples to run
a qualification activity.
Note:
Commercial Samples: fully qualified parts from ST standard production with no usage
restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23