Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH7100BAS Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce VNH7100BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 29Page - STMicroelectronics VNH7100BAS Datasheet HTML 30Page - STMicroelectronics VNH7100BAS Datasheet HTML 31Page - STMicroelectronics VNH7100BAS Datasheet HTML 32Page - STMicroelectronics VNH7100BAS Datasheet HTML 33Page - STMicroelectronics VNH7100BAS Datasheet HTML 34Page - STMicroelectronics VNH7100BAS Datasheet HTML 35Page - STMicroelectronics VNH7100BAS Datasheet HTML 36Page - STMicroelectronics VNH7100BAS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DocID029596 Rev 2
33/39
VNH7100BAS
Package information
38
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
SO-16N package information
Figure 28. SO-16N package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39